Part Number Hot Search : 
AP1702DW BC337 183E28 KBP302 74HC08 1N5272 1N400 1A156
Product Description
Full Text Search
 

To Download KW2-402 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 KW2-402 SERIES
LED Numeric Display Dual Digit (0.40")
DESCRIPTION:
The KW2-402 series is 0.40 inch (10.20mm) height dual digit display designed for viewing distances of up to six meters. This series is suitable for use in instruments, point of sales terminals and electrical appliances. All devices are available as either common anode or common cathode.
PACKAGE DIMENSIONS
8.0
o
5.80
1.04
DIG.1 F E
DIG.2 A G B C D
10.20(.4") PIN 1. + 10.16 20.10 7.00
ABSOLUTE MAXIMUM RATINGS: (Ta=25 C)
Parameter Max Reverse Voltage per segment 5V Reverse Current per segment (Vr = 5V) 100A Derating Linear from 25oC per segment 0.4mA/ oC Operating Temperature Range -40oC To 85oC Storage Temperature Range -40oC To 100oC Soldering Temperature 1.6mm(1/16") from body for 5 sec. at 260oC
NOTES : 1. All dimensions are in millimeters (inches). 2. Tolerance is +0.25mm(0.010) unless otherwise specified. 3. Specifications are subject to change without notice. 4. NP: No Pin. 5. NC: No Connect.
o
16.00
0.45 2.5*7=17.5 12.70
INTERNAL CIRCUIT DIAGRAM
4
DIG.1
5
DIG.2
ABCDEFG 15 13 1 3 2 14 16
ABCDEFG 10 12 8 6 7 11 9
TESTING CONDITION FOR EACH PARAMETER :
Parameter Forward Voltage Peak Emission Wave Length Spectral Line Half-Width Reverse Current Average Luminous Intensity Symbol Vf Ir Iv Unit V nm nm A cd Test Condition If=20mA If=20mA If=20mA Vr=5V If=10mA
4
DIG.1
5
DIG.2
ABCDEFG 15 13 1 3 2 14 16
ABCDEFG 10 12 8 6 7 11 9
PART NO. SELECTION AND APPLICATION INFORMATION (RATINGS AT 25 C AMBIENT)
Chip Part No. Raw Material GaAsP/GaP GaAlAs GaP GaP GaAsP/GaP GaAsP/GaP GaAlAs GaP GaP GaAsP/GaP Emitted Color Hi-Eff. Red Super Red Common KW2-402A2 KW2-402AG KW2-402A6 KW2-402C3 KW2-402CS KW2-402C2 KW2-402CG KW2-402C6 Green Anode Super Green Yellow Hi-Eff Red Super Red Green Super Green Yellow Common Cathode 570 585 635 660 565 570 585 30 30 45 20 30 30 30 100 100 100 100 100 100 100 50 50 50 50 50 50 50 100 100 100 100 100 100 100 1.7 1.7 1.7 1.5 1.7 1.7 1.7 2.2 1.9 1.9 1.9 2.2 2.2 1.9 2.6 10-20 850 2.6 10-20 600 2.6 10-20 700 1900 1500 1800 565 30 100 50 100 1.7 2.2 2.6 10-20 700 1600 C.C or C.A Wave Length (nm) 635 660 Absolute Maximum Ratings Pd If Electro-optical Data(at 10mA)
o
If If Vf (V) Iv (cd) (Peak) Per Segment (Rec) Per Segment (nm) (mW) (mA) (mA) Min. Typ. Max. mA Min. Typ. 45 20 100 100 50 50 100 100 1.7 1.5 1.9 1.9 2.6 10-20 700 1800
KW2-402A3 KW2-402AS
2.6 10-20 1500 5000
2.6 10-20 1500 5000 2.6 10-20 700 2.6 10-20 850 2.6 10-20 600 1600 1900 1500
REMARKS : 1. The average luminous intensity is obtained by summing the luminous intensity of each segment and dividing by the total number of segments. 2. Luminous intensity is measured with a light sensor and filter combination that approximates the CIE (International Commission on Illumination) eye-response curve. 3. Clean only by pure water, isopropanol, ethanol, Freon TF (or equivalent).


▲Up To Search▲   

 
Price & Availability of KW2-402

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X